Part Number Hot Search : 
1A71B UM610 XO5036 C51440 MQ2218 05012 1N472 45FCT
Product Description
Full Text Search
 

To Download ASM3P2853A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ASM3P2853A Peak EMI Reducing Solution
Features
* Generates an EMI optimized clock signal at output. * Input frequency: 25MHz. * Frequency outputs: o USB Clock (48MHz unmodulated) o 50MHz (modulated), 1% centre spread * Modulation rate: 39KHz. * Spread Spectrum ON/OFF control * Supply voltage range 2.5V 5%. * Available in 8-Pin SOIC package. by reducing the number of circuit board layers and shielding that are required to pass EMI regulations. The ASM3P2853A modulates the output of PLL in order to spread the bandwidth of a synthesized clock, thereby decreasing the peak amplitudes of its harmonics. This results in significantly lower system EMI compared to the typical narrow band signal produced by oscillators and most clock generators. Lowering EMI by increasing a signal's bandwidth is called spread spectrum clock generation.
Product Description
The ASM3P2853A is a versatile spread spectrum frequency modulator. The ASM3P2853A reduces electromagnetic interference (EMI) at the clock source. The ASM3P2853A allows significant system cost savings
Applications
ASM3P2853A is targeted towards EMI management for high speed digital applications such as PC peripheral devices, consumer electronics and embedded controller systems.
Block Diagram
VDD PWDNB
XIN XOUT
Crystal Oscillator
PLL1
USB Clock (48MHz Unmodulated)
SSONB
PLL2
50MHz Modulated
VSS
(c)2010 SCILLC. All rights reserved. JANUARY 2010 - Rev. 2
Publication Order Number: ASM3P2853/D
ASM3P2853A
Pin Configuration
XIN XOUT VDD VSS
1 2 3 4
8 7
50MHz USB Clock SSONB PWDNB
ASM3P2853A
6 5
Pin Description Pin# Pin Name
XIN
Type
Description
Connection to crystal or external reference frequency input. This pin has dual
1
I
functions. It can be connected either to an external crystal or an external reference clock. Connection to crystal. If using an external reference clock, this pin must be left unconnected. Power supply for the analog and digital blocks. Ground to entire chip. Power-down control pin. Pull low to enable the power-down mode. Connect to VDD, if not used. Digital logic input used to enable spread spectrum function (Active LOW). Spread spectrum is enabled when LOW, disabled when HIGH. Clock output-1 (48MHz unmodulated). Clock output-2 (50MHz modulated).
2 3 4 5 6 7 8
XOUT VDD VSS PWDNB SSONB USB Clock 50MHz
O P P I I O O
Rev. 2 | Page 2 of 7 | www.onsemi.com
ASM3P2853A
Absolute Maximum Ratings Symbol
VDD, VIN TSTG Ts TJ TDV Storage temperature Max. Soldering Temperature (10 sec) Junction Temperature Static Discharge Voltage (As per JEDEC STD22- A114-B)
Parameter
Rating
-0.5 to +4.6 -65 to +125 260 150 2
Unit
V C C C KV
Voltage on any pin with respect to Ground
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect device reliability.
Operating Conditions Parameter
Supply Voltage Ambient Operating Temperature Range Crystal Resonator Frequency Output Driver Load Capacitance
Symbol
VDD TA FXIN CL
Condition / Description
2.5V 5%
Min
2.375 -40
Typ
2.5 25
Max
2.625 +85
Unit
V C MHz
-
-
15
pF
Crystal Specifications Fundamental AT cut parallel resonant crystal
Nominal frequency Frequency tolerance Operating temperature range Storage temperature Load capacitance Shunt capacitance ESR 25MHz 50ppm or better at 25 C -25 to +85 C C -40 to +85 C C 18pF 7pF maximum 25
Note: CY is Load Capacitance and Rx is used to prevent oscillations at overtone frequency of the Fundamental frequency.
Typical Crystal Interface Circuit
R
Crystal XIN CY
Rx XOUT
CY
CY = 2*(CP - CS), Where CP = Load capacitance of crystal from crystal vendor datasheet CS = Stray capacitance due to CIN, PCB, Trace etc.
Rev. 2 | Page 3 of 7 | www.onsemi.com
ASM3P2853A
DC Electrical Characteristics Parameter Overall
Supply Current, Dynamic Supply Current, Static IDD IDDL VDD = 2.5V, FXIN = 25MHz, CL = 15pF VDD = 2.5V, XIN = 0, PWDNB = 0 7 13 12 20 mA uA
Symbol
Conditions / Description
Min
Typ
Max
Unit
All input pins
High-Level Input Voltage Low-Level Input Voltage High-Level Input Current Low-Level Input Current (pull-up) VIH VIL IIH IIL VDD = 2.5V VDD = 2.5V 1.7 0.7 25 -25 V V A A
Clock Outputs
High-Level Output Source Current Low-Level Output Sink Current High-Level Output Source Current Low-Level Output Sink Current IxOH IxOL IOH VDD = 2.5V ,V(XIN) = 0, VO = 2V VDD = V(XIN) = 2.5V, VO = 0.4V VO = 2V -15 15 8 mA mA mA
IOL
VO = 0.4V
-
8
-
mA
Output Impedance
ZO
-
42
-
Rev. 2 | Page 4 of 7 | www.onsemi.com
ASM3P2853A
AC Electrical Characteristics Parameter
Rise Time
1 1
Symbol
tr
Conditions / Description
Measured from 20% to 80% of the signal level Measured from 80% to 20% of the
Min
-
Typ
2
Max
-
Unit
nS
Fall Time Jitter
tf tjc tp
signal level
-
1.5 250 175
-
nS pS pS
(Cycle-to-Cycle) Jitter (Period) Clock Duty Cycle
Ratio of pulse width (as measured from td rising edge to next falling edge at VDD/2) to one clock period
Note: 1. CL = 15 pF, Input clock frequency = 25MHz
45
50
55
%
Typical Application Schematic using ASM3P2853A Device
25MHz fundamental Crystal
1
XIN XOUT VDD
50MHz USB Clock
8 7
Modulated 50MHz output Un-modulated 48MHz output
27pF
2
27pF
3 4
+2.5V
0.1uF
SSONB B VSS PWDNB ASM3P2853A
6 5
Rev. 2 | Page 5 of 7 | www.onsemi.com
ASM3P2853A
Package Information
8-Pin SOIC package
E
H
D
A2
A
e A 1 B
C L
D
Dimensions Inches Min
A1 A A2 B C D E e H L 0.004 0.053 0.049 0.012 0.007
Symbol
Max
0.010 0.069 0.059 0.020 0.010
Millimeters Min Max
0.10 1.35 1.25 0.31 0.18 4.90 BSC 3.91 BSC 1.27 BSC 6.00 BSC 0.41 0 1.27 8 0.25 1.75 1.50 0.51 0.25
0.193 BSC 0.154 BSC 0.050 BSC 0.236 BSC 0.016 0 0.050 8
Coplanarity 4 mil
Rev. 2 | Page 6 of 7 | www.onsemi.com
ASM3P2853A
Ordering Code Part number
ASM3P2853AG-08SR
Marking
AEC
Package Configuration
8-pin SOIC, TAPE & REEL, Green
Temperature Range
0 to +70 C C
A "microdot" placed at the end of last row of marking or just below the last row toward the center of package indicates Pb-free.
Licensed under US patent #5,488,627, #6,646,463 and #5,631,920.
Note: This product utilizes US Patent #6,646,463 Impedance Emulator Patent issued to PulseCore Semiconductor, dated 11-11-2003. are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes ON Semiconductor and without further notice to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages. "Typical" parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. SCILLC does not convey any license under its patent rights nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal Opportunity/Affirmative Action Employer. U.S Patent Pending; Timing-Safe and Active Bead are trademarks of PulseCore Semiconductor, a wholly owned subsidiary of ON Semiconductor. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION LITERATURE FULFILLMENT: Literature Distribution Center for ON Semiconductor P.O. Box 5163, Denver, Colorado 80217 USA Phone: 303-675-2175 or 800-344-3860 Toll Free USA/Canada Fax: 303-675-2176 or 800-344-3867 Toll Free USA/Canada Email: orderlit@onsemi.com N. American Technical Support: 800-282-9855 Toll Free USA/Canada Europe, Middle East and Africa Technical Support: Phone: 421 33 790 2910 Japan Customer Focus Center Phone: 81-3-5773-3850 ON Semiconductor Website: www.onsemi.com Order Literature: http://www.onsemi.com/orderlit For additional information, please contact your local Sales Representative


▲Up To Search▲   

 
Price & Availability of ASM3P2853A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X